Part Number Hot Search : 
ER802D 35125 KPY44R 00100 SKY77765 7GZITE1 MAX8704 MD3251
Product Description
Full Text Search
 

To Download MUR1620CT1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MUR1620CT - MUR1660CT
16.0 AMPS. Switchmode Power Rectifiers TO-220AB
Features
Ultrafast 35 and 60 Nanosecond Recovery times 175oC operating Junction Temperature Popular TO-220 Package Epoxy meets UL94, V0 @ 1/8" High temperature glass passivated junction High voltage capability to 600 volts Low leakage specified @ 150oC case temperature Current derating @ both case and ambient temperatures
Mechanical Data
Case: Epoxy, molded Terminal : Pure tin plated, lead free Lead temperature for soldering purposes: 260oC Max. for 10 seconds Finish: all external surfaces corrosion resistant and terminal leads are readily solderable Shipped 50 units per plastic tube Weight: 1.9 grams (approximately)
Dimensions in inches and (millimeters)
MAXIMUM RATINGS
Type Number
Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage Average Rectified Forward Current Total Device, (Rated VR), Tc=150oC Total Device Peak Rectified Forward Current (Rated VR, Square Wave, 20 KHz), Tc=150oC Per Diode Leg Nonrepetitive Peak Surge Current (Surge Applied at Rated Load Conditions Halfwave, Single Phase, 60 Hz) Operating Junction Temperature and Storage Temperature Maximum Thermal Resistance, Junction to Case
Symbol
VRRM VRWM VR
MUR 1620CT
200
MUR 1640CT
400 8.0 16 16 100 -65 to + 175
MUR 1660CT
600
Units
V
IF(AV) IFM IFSM
TJ, TSTG 3.0 0.975 0.895 5.0 250 35 25
Amps Amps Amps
o o
C
RJC Maximum Instantaneous Forward Voltage (Note 1) (IF=8.0 Amps, Tc=25oC) VF (IF=8.0 Amps, Tc=150oC) Maximum Instantaneous Reverse Current IR at Rated DC Blocking Voltage @ TA=25oC @ TA=125oC Maximum Reverse Recovery Time (IF=1.0 Amp, di/dt = 50 Amps / us) trr (IF=0.5 Amp, IR=1.0 Amp, IREC=0.25 Amp) Note: 1. Pulse Test: Pulse Width = 300 us, Duty Cycle 2.0%.
2.0 1.30 1.30 10 500 60 50 1.50 1.20
C /W V uA uA nS
Version: A06
RATINGS AND CHARACTERISTIC CURVES (MUR1620CT THRU MUR1660CT)
10
IF(A), AVERAGEPOWER DISSIPATION (W)
FIG.1- CURRENT DERATING, CASE
RATED VR APPLIED
FIG.2- TYPICAL REVERSE CURRENT
800 400 200
IR, REVERSE CURRENT. ( A)
9.0 8.0 7.0 6.0 5.0 4.0 3.0 2.0 1.0 0 140
145 150 155 160 165
SQUARE WAVE dc
80 40 20 8.0 4.0 2.0 0.8 0.4 0.2 0.08 0.04 0.02 0
0 20 40 60
Tj=175 0C
100 0C
25 0C
170
o
175
180
80
100
120
140
160
180 200
TC, CASE TEMPERATURE. ( C)
VR, REVERSE VOLTAGE. (V)
FIG.3- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
PEAK FORWARD SURGE CURRENT. (A)
100
80
8.3ms Single Half Sine Wave JEDEC Method
60
FIG.5- TYPICAL FORWARD VOLTAGE
100 70 50
40
20
IF, INSTANTANEOUS FORWARD CURRENT. (A)
30 20 10 7.0 5.0 3.0 2.0
100 0C Tj=175 0C
0 1
2
5
10
20
50
100
NUMBER OF CYCLES AT 60HZ
1000
FIG.4- TYPICAL CAPACITANCE
JUNCTION CAPACITANCE.(pF)
300
Tj=25 0C
1.0 0.7 0.5
25 0C
100
30
0.3 0.2
10
1.0 10
VR, REVERSE VOLTAGE. (V)
0.1
100
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
VF, INSTANTANEOUS VOLTAGE. (V)
FIG.6- REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
50W NONINDUCTIVE 10W NONINDUCTIVE +0.5A (-) DUT (+) 50Vdc (approx) (-) PULSE GENERATOR (NOTE 2) 1W NON INDUCTIVE OSCILLOSCOPE (NOTE 1) (+) 0 -0.25A trr
NOTES: 1. Rise Time=7ns max. Input Impedance= 1 megohm 22pf 2. Rise Time=10ns max. Sourse Impedance= 50 ohms
-1.0A 1cm SET TIME BASE FOR 5/ 10ns/ cm
Version: A06


▲Up To Search▲   

 
Price & Availability of MUR1620CT1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X